Part Number Hot Search : 
LS5D28 12C10 TY445ALZ 23S270 TS512 00809 DG77B UPA1758
Product Description
Full Text Search
 

To Download R1500F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
R1200F THRU R3000F
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE FAST RECOVERY RECTIFIER
VOLTAGE RANGE - 1200 to 3000 Volts CURRENT - 0.2 to 0.5 Ampere
FEATURES
*Fast switching *Low leakage *High current capability *High surge capability *High reliability
DO-41
MECHANICAL DATA
* * * * * Case: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: MIL-STD-202E, Method 208 guaranteed Polarity: Color band denotes cathode end Mounting position: Any
* Weight: 0.35 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Dimensions in inches and (millimeters)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Volts Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA = 50 oC Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Instantaneous Forward Voltage at 0.5A/0.2A DC Maximum DC Reverse Current at Rated DC Blocking Voltage TA = 25oC Maximum Full Load Reverse Current Average, Full Cycle .375* (9.5mm) lead length at T L = 55oC Maximum Reverse Recovery Time (Note) Operating and Storage Temperature Range NOTES : Test Conditions: I F = 0.5A, IR = 1.0A, IRR = 0.25A trr TJ, TSTG VRRM VRMS VDC IO IFSM VF IR
R1200F 1200 840 1200
R1500F R1800F R2000F R2500F R3000F 1500 1050 1500 500 30 2.5 5.0 100 500 -65 to + 175 4.0 5.0 1800 1260 1800 2000 1400 2000 2500 1750 2500 200 3000 2100 3000
UNITS Volts Volts Volts mAmps Amps Volts uAmps uAmps nSec
0
C
150
NEXT NEXT NEXT
EXIT BACK BACK EXI BACK EXIT
RA TING AND CHARACTERISTIC CURVES (R1200F THRU R3000F)
DC COMPONENTS CO., LTD.
R
151
NEXT EXIT BACK NEXT EXI BACK EXIT NEXT BACK


▲Up To Search▲   

 
Price & Availability of R1500F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X